Part Number Hot Search : 
CXP50712 QTLP670C 4001B AO4448L 2N167A Z5225 AAT1271A AD7707BR
Product Description
Full Text Search
 

To Download DSEI19-06AS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DSEI 19-06AS
Fast Recovery Epitaxial Diode (FRED)
VRRM = 600 V IFAVM = 20 A trr = 35 ns
VRSM V 600
VRRM V 600
Type
A
C
TO-263 AA
NC
DSEI 19-06AS
A C (TAB)
A = Anode, C = Cathode, NC = No connection, TAB = Cathode
Symbol IFRMS IFAVM IFRM IFSM
Conditions TVJ = TVJM TC = 65C; rectangular, d = 0.5 tP < 10 s; rep. rating, pulse width limited by TVJM TVJ = 45C; t = 10 ms t = 8.3 ms TVJ = 150C; t = 10 ms t = 8.3 ms (50 Hz), sine (60 Hz), sine (50 Hz), sine (60 Hz), sine (50 Hz), sine (60 Hz), sine (50 Hz), sine (60 Hz), sine
Maximum Ratings 25 20 150 100 110 85 95 50 50 36 37 -40...+150 150 -40...+150 A A A A A A A A2s A2s A2s A2s C C C W g
Features

International standard surface mount package JEDEC TO-263 AA Planar passivated chips Very short recovery time Extremely low switching losses Low IRM-values Soft recovery behaviour Epoxy meets UL 94V-0 TO-263 AA Outline
I2t
TVJ = 45C t = 10 ms t = 8.3 ms TVJ = 150C; t = 10 ms t = 8.3 ms
TVJ TVJM Tstg Ptot Weight TC = 25C
61 2
Symbol IR
Conditions TVJ = 25C; VR = VRRM TVJ = 25C; VR = 0.8 * VRRM TVJ = 125C; VR = 0.8 * VRRM IF = 16 A; TVJ = 150C TVJ= 25C
Characteristic Values
typ. max.
50 25 3 1.5 1.7 1.12 23.2 2
A A mA V V V m K/W ns A
VF VT0 rT RthJC trr IRM
Dim. A A1 b b2 c c2 D D1 E E1 e L L1 L2 L3 L4 R
For power-loss calculations only TVJ = TVJM IF = 1 A; -di/dt = 50 A/s; VR = 30 V; TVJ = 25C VR = 350 V; IF = 12 A; -diF/dt = 100 A/s L 0.05 H; TVJ = 100C 35 4
Millimeter Min. Max. 4.06 2.03 0.51 1.14 0.46 1.14 8.64 7.11 9.65 6.86 2.54 14.61 2.29 1.02 1.27 0 0.46 4.83 2.79 0.99 1.40 0.74 1.40 9.65 8.13 10.29 8.13 BSC 15.88 2.79 1.40 1.78 0.38 0.74
Inches Min. Max. .160 .080 .020 .045 .018 .045 .340 .280 .380 .270 .100 .575 .090 .040 .050 0 .018 .190 .110 .039 .055 .029 .055 .380 .320 .405 .320 BSC .625 .110 .055 .070 .015
417
50 4.4
IFAVM rating includes reverse blocking losses at TVJM, VR = 0.8 VRRM, duty cycle d = 0.5 Data according to IEC 60747
IXYS reserves the right to change limits, test conditions and dimensions
.029
(c) 2004 IXYS All rights reserved
1-2
DSEI 19-06AS
Fig. 1 Forward current versus voltage drop.
Fig. 2 Recovery charge versus -diF/dt.
Fig. 3 Peak reverse current versus -diF/dt.
Fig. 4 Dynamic parameters versus junction temperature.
Fig. 5 Recovery time versus -diF/dt.
Fig. 6 Peak forward voltage versus diF/dt.
Fig. 7 Transient thermal impedance junction to case.
IXYS reserves the right to change limits, test conditions and dimensions
417
2-2
(c) 2004 IXYS All rights reserved


▲Up To Search▲   

 
Price & Availability of DSEI19-06AS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X